Part Number Hot Search : 
MINISO8 RA252PT TA7208 1N2133AR 10011 R24D15 DG387AA 472ML
Product Description
Full Text Search
 

To Download 15KP70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05023
15KP17A
thru
15KP280A
POWER TVS COMPONENT
APPLICATIONS Relay Drives Motor (Start/Stop) Back EMF Protection Module Lightning Protection Secondary Lightning Protection for AC/DC IEC COMPATIBILITY (EN61000-4) 61000-4-5 (Surge): 48A, 8/20s - L3 (Line-Gnd), L4 (Line-Line) & L1 (Power) F E AT U R E S 15,000 Watts Peak Pulse Power per Line (tp=10/1000s) Unidirectional & Bidirectional Configurations Easy Mounting to Printed Circuit Board Available in Multiple Voltage Types Ranging From: 17V to 220V RoHS Compliant MECHANICAL CHARACTERISTICS
THRU-HOLE
Molded Case Weight 13 grams (Approximate) Available in Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270C Consult Factory for Leaded Device Availability Flammability Rating UL 94V-0 Marking: Logo, Part Number & Date Code Positive Terminal Marked with Dot - Unidirectional Only
APPLICATION
TYPICAL RELAY DRIVE PROTECTION VCC
05023.R9 2/07
1
www.protekdevices.com
15KP17A
thru
15KP280A
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER
Peak Pulse Power (tp = 10/1000s) - See Fig. 1 Forward Surge Rating (1/20 seconds) - See Note 2 Steady State Power Disspiation Storage Temperature Operating Temperature
SYMBOL
PPP IF PP TSTG TL
VALUE
15,000 200 1.0 -55 to 150 -55 to 150
UNITS
Watts Amps Watts C C
ELECTRICAL CHARACTERISTICS PER LINE
PART NUMBER (Notes 1 & 2) RATED STAND-OFF VOLTAGE BREAKDOWN VOLTAGE
@ 25C Unless Otherwise Specified
MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ 10/1000s VC @ IPP 32.3V @ 464.0A 29.3V @ 512.0A 34.2V @ 439.0A 30.9V @ 485.0A 37.9V @ 396.0A 34.3V @ 437.0A 41.1V @ 365.0A 37.1V @ 404.0A 45.0V @ 333.0A 40.7V @ 369.0A 48.7V @ 308.0A 44.0V @ 341.0A 52.4V @ 286.0A 47.5V @ 316.0A 56.2 V @ 267.0A 50.7V @ 296.0A 60.6V @ 248.0A 54.8V @ 274.0A 66.0V @ 227.0A 59.7V @ 251.0A 72.8V @ 206.0A 65.8V @ 228.0A 77.1V @ 195.0A 69.7V @ 215.0A 80.7V @ 186.0A 73.0V @ 205.0A 85.9V @ 175.0A 77.7V @ 193.0A 91.5V @ 164.0A 82.8V @ 181.0A 96.8V @ 155.0A 87.5V @ 171.0A 104.0V @ 144.0A 94.0V @ 160.0A 107.0V @ 140.0A 97.3V @ 154.0A 115.0V @ 130.0A 104.0V @ 144.0A 126.0V @ 119.0A 114.0V @ 132.0A TEMPERATURE COEFFICIENT OF V(BR) qV(BR) mV/C 19 17 20 18 24 21 27 24 30 27 32 29 35 31 27 34 42 38 46 41 51 46 55 50 57 52 62 56 66 60 70 63 76 68 78 71 84 76 92 83
MAXIMUM LEAKAGE CURRENT @VWM ID A 5000 5000 5000 5000 1500 1500 500 500 150 150 50 50 25 25 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
VWM VOLTS 15KP17 15KP17A 15KP18 15KP18A 15KP20 15KP20A 15KP22 15KP22A 15KP24 15KP24A 15KP26 15KP26A 15KP28 15KP28A 15KP30 15KP30A 15KP33 15KP33A 15KP36 15KP36A 15KP40 15KP40A 15KP43 15KP43A 15KP45 15KP45A 15KP48 15KP48A 15KP51 15KP51A 15KP54 15KP54A 15KP58 15KP58A 15KP60 15KP60A 15KP64 15KP64A 15KP70 15KP70A 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0
MIN V(BR) VOLTS 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8
@IT mA 50 50 50 50 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
05023.R9 2/07
2
www.protekdevices.com
15KP17A
thru
15KP280A
GRAPHS
ELECTRICAL CHARACTERISTICS PER LINE
PART NUMBER (Notes 1 & 2) RATED STAND-OFF VOLTAGE BREAKDOWN VOLTAGE
@ 25C Unless Otherwise Specified
MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ 10/1000s VC @ IPP 135.0V @ 111.0A 122.0V @ 123.0A 140.0V @ 107.0A 126.0V @ 119.0A 152.0V @ 99.0A 137.0V @ 109.0A 160.0V @ 94.0A 146.0V @ 103.0A 179.0V @ 84.0A 162.0V @ 93.0A 196.0V @ 77.0A 178.0V @ 84.0A 214.0V @ 70.0A 193.0V @ 78.0A 231.0V @ 65.0A 209.0V @ 72.0A 268.0V @ 56.0A 243.0V @ 62.0A 287.0V @ 52.0A 259.0V @ 58.0A 304.0V @ 49.0A 275.0V @ 55.0A 321.0V @ 47.0A 291.0V @ 52.0A 356.0V @ 42.0A 322.0V @ 47.0A 393.0V @ 38.0A 356.0V @ 42.0A 428.0V @ 35.0A 388.0V @ 39.0A 464.0V @ 32.0A 419.0V @ 36.0A 500.0V @ 30.0A 452.0V @ 33.0A TEMPERATURE COEFFICIENT OF V(BR) qV(BR) mV/C 100 89 104 93 113 102 120 109 134 121 147 133 161 145 174 157 202 183 216 195 229 207 242 219 269 243 297 269 324 293 352 317 378 342
MAXIMUM LEAKAGE CURRENT @VWM ID A 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
VWM VOLTS 15KP75 15KP75A 15KP78 15KP78A 15KP85 15KP85A 15KP90 15KP90A 15KP100 15KP100A 15KP110 15KP110A 15KP120 15KP120A 15KP130 15KP130A 15KP150 15KP150A 15KP160 15KP160A 15KP170 15KP170A 15KP180 15KP180A 15KP200 15KP200A 15KP220 15KP220A 15KP240 15KP240A 15KP260 15KP260A 15KP280 15KP280A 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100.0 100.0 110.0 110.0 120.0 120.0 130.0 130.0 150.0 150.0 160.0 160.0 170.0 170.0 180.0 180.0 200.0 200.0 220.0 220.0 240.0 240.0 260.0 260.0 280.0 280.0
MIN V(BR) VOLTS 83.3 83.3 86.7 86.7 94.4 94.4 100.0 100.0 111.0 111.0 122.0 122.0 133.0 133.0 144.0 144.0 167.0 167.0 178.0 178.0 189.0 189.0 200.0 200.0 222.0 222.0 245.0 245.0 267.0 267.0 289.0 289.0 311.0 311.0
@IT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Note 1: Part numbers shown are unidirectional devices. Add a "CA" suffix to specify bidirectional devices, such as 15KP20CA. Note 2: VF = 7.5 Volts @ 200A, 8.3ms (1/2 Sine Wave) - unidirectional devices only.
05023.R9 2/07
3
www.protekdevices.com
15KP17A
thru
15KP280A
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
1000
PPP - Peak Pulse Power - killowatts
100
10
15kW 10/1000s Waveform
1
0.1
1
10
100 td - Pulse Duration - s
1000
10000
100000
FIGURE 2 PULSE WAVE FORM
100
IPP - Peak Pulse Current - % of IPP
100
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 10/1000s 80
tf Peak Value I PP
% Of Rated Power
TEST WAVEFORM PARAMETERS tf = 10s td = 1000s
60
t = t I /2 d PP 50
40
20
e-t 0 0 1 t - Time - ms 2 3
0 0 25
Average Power 50 75 100 125 TL - Lead Temperature - C 150
05023.R9 2/07
4
www.protekdevices.com
15KP17A
thru
15KP280A
THRU-HOLE PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE THRU-HOLE
A
B
PACKAGE DIMENSIONS
DIM
C
MILLIMETERS MIN MAX 9.18 24.38 15.75 16.51 14.74 1.19 11.22 26.42 17.27 15.75 1.35
INCHES MIN MAX 0.36 0.96 0.62 0.65 0.58 0.047 0.44 1.04 0.68 0.62 0.053
D F
A B C D E F
NOTES
E
1. Dimensions are exclusive of mold flash and metal burrs.
Outline & Dimensions: Rev 1 - 7/02, 06027
COPYRIGHT (c) ProTek Devices 2007 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
www.protekdevices.com
05023.R9 2/07
5


▲Up To Search▲   

 
Price & Availability of 15KP70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X